Part Number Hot Search : 
L8844A 29LV400 M52959FP 2067F KCF201SV KT3189 DT54F PTXB6PGS
Product Description
Full Text Search
 

To Download MAX613 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-0188; Rev 0; 11/93
Dual-Slot PCMCIA Analog Power Controllers
_______________General Description
The MAX613/MAX614 contain switches for the VPP supply-voltage lines for Personal Computer Memory Card International Association (PCMCIA) Release 2.0 card slots. These ICs also contain level-translator outputs to switch the PCMCIA card VCC. The MAX613 allows digital control of two separate VPP lines that can be switched between 0V, VCC, +12V, and high impedance. It also includes level shifters that allow the control of N-channel power MOSFETs for connecting and disconnecting the slot VCC supply voltage. The MAX614 controls a single VPP supply-voltage line and includes one level shifter in an 8-pin package.
____________________________Features
o Logic Compatible with Industry-Standard PCMCIA Digital Controllers: Intel 82365SL Intel 82365SL DF Vadem VG-365 Vadem VG-465 Vadem VG-468 Cirrus Logic CL-PD6710 Cirrus Logic CL-PD6720 o 0V/VCC/+12V/High-Impedance VPP Outputs o Internal 1.6 VPP Power Switches o 10mA Quiescent Supply Current o Break-Before-Make Switching o VCC Switch Control
MAX613/MAX614
________________________Applications
Notebook and Palmtop Computers Personal Organizers Digital Cameras Handiterminals Bar-Code Readers
______________Ordering Information
PART MAX613CPD MAX613CSD MAX613EPD MAX613ESD MAX614CPA MAX614CSA MAX614EPA MAX614ESA TEMP. RANGE 0C to +70C 0C to +70C -40C to +85C -40C to +85C 0C to +70C 0C to +70C -40C to +85C -40C to +85C PIN-PACKAGE 14 Plastic DIP 14 SO 14 Plastic DIP 14 SO 8 Plastic DIP 8 SO 8 Plastic DIP 8 SO
_________________Pin Configurations
TOP VIEW
GND 1 AVPP1 2 AVPP0 3 BVPP1 4 BVPP0 5 VCC1 6 VCC0 7 14 VPPIN 13 VCCIN 12 AVPP
MAX613
11 BVPP 10 SHDN 9 8 DRV3 DRV5
_________Typical Operating Circuit
+5V +12V
DIP/SO
VCC
GND 1 AVPP1 2 AVPP0 3 VCC0 4 8 VPPIN 7 VCCIN
VCCIN 5
VPPIN DRV3 VCC PCMCIA SLOT VPP1 VPP2
MAX614
6 AVPP 5 DRV
PC CARD SOCKET CONTROLLER
MAX613 AVPP
BVPP
DIP/SO
________________________________________________________________ Maxim Integrated Products
1
Call toll free 1-800-998-8800 for free samples or literature.
Dual-Slot PCMCIA Analog Power Controllers MAX613/MAX614
ABSOLUTE MAXIMUM RATINGS
VCCIN to GND.............................................................+7V, -0.3V VPPIN to GND ........................................................+13.2V, -0.3V DRV5, DRV3, DRV to GND ........................(VPPIN + 0.3V), -0.3V AVPP, BVPP to GND ..................................(VPPIN + 0.3V), -0.3V All Other Pins to GND ...............................(VCCIN + 0.3V), -0.3V Continuous Power Dissipation (TA = +70C) 8-Pin Plastic DIP (derate 9.09mW/C above +70C) ....727mW 8-Pin SO (derate 5.88mW/C above +70C).......................471mW 14-Pin Plastic DIP (derate 10.00mW/C above +70C).......800mW 14-Pin SO (derate 8.33mW/C above +70C) ..............667mW Operating Temperature Ranges: MAX61_C__ ........................................................0C to +70C MAX61_E__ .....................................................-40C to +85C Storage Temperature Range .............................-65C to +160C Lead Temperature (soldering, 10sec) .............................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VCCIN = +5V, VPPIN = +12V, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER POWER REQUIREMENTS VCCIN Input Voltage Range VPPIN Input Voltage Range VPPIN Supply Current (12V Mode) MAX613 MAX614 VPPIN Supply Current (5V Mode) VPPIN = 12.6V, AVPP = BVPP= VCCIN MAX613 MAX614 VPPIN Supply Current (0V Mode) MAX613 MAX614 VCCIN Supply Current (12V Mode) MAX613 MAX614 VCCIN Supply Current (5V Mode) MAX613 MAX614 VCCIN Supply Current (0V Mode) MAX613 MAX614 --- ---- SHDN = 0V --- ---- SHDN = VCCIN --- ---- SHDN = 0V --- ---- SHDN = VCCIN --- ---- SHDN = 0V --- ---- SHDN = VCCIN --- ---- SHDN = 0V --- ---- SHDN = VCCIN --- ---- SHDN = 0V --- ---- SHDN = VCCIN --- ---- SHDN = 0V --- ---- SHDN = VCCIN 2.85 0 0.05 2.25 0.05 0.05 2 0.05 0.05 2.25 0.05 3.5 20 3.5 3.5 22 3.5 3.5 20 3.5 A 10 50 10 A A A A 5.5 12.6 1 10 1 A V V CONDITIONS MIN TYP MAX UNITS
AVPP = BVPP = VPPIN =12.6V
AVPP = BVPP = 0V
AVPP = BVPP = VPPIN
AVPP = BVPP = VCCIN
AVPP = BVPP = 0V
2
_______________________________________________________________________________________
Dual-Slot PCMCIA Analog Power Controllers
ELECTRICAL CHARACTERISTICS (continued)
(VCCIN = +5V, VPPIN = +12V, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER DC CHARACTERISTICS VPPIN = 11.4V, 0mA < ILOAD < 120mA (12V mode) AVPP, BVPP Switch Resistance DRV, DRV3, DRV5 Leakage Current DRV, DRV3, DRV5 Output Voltage Low LOGIC SECTION Logic Input Leakage Current Logic Input High Logic Input Low _VCC_ to DRV_ Propagation Delay 50 2.4 0.8 1 A V V ns VCCIN = 4.5V, 0mA < ILOAD < 1mA (5V mode) VPPIN = 11.4V, 0mA < ILOAD < 1mA (0V mode) High-impedance mode ILOAD = 1mA 1.60 30 135 1 0.1 2.45 50 300 75 0.4 nA V CONDITIONS MIN TYP MAX UNITS
MAX613/MAX614
__________________________________________Typical Operating Characteristics
(Circuit of Figure 1, TA = +25C, unless otherwise noted.)
AVPP SWITCH RESISTANCE (12V MODE)
MAX931-24-01
AVPP SWITCH RESISTANCE (5V MODE)
VPPIN = +12.0V AVPP1 = 0V AVPP0 = VCCIN
MAX613/14-02
2.6 +125C SWITCH RESISTANCE () 2.2 +85C 1.8 +25C VCCIN = +5.0V AVPP0 = 0V AVPP1 = +5.0V -55C 1.0 10.0 10.5
110 90 SWITCH RESISTANCE ()
70 +125C 50
1.4
30 -55C 10
+25C
11.0 11.5 12.0 VPPIN (V)
12.5 13.0 13.5
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 VCCIN (V)
AVPP SWITCHING 5V TO 12V
+5V AVPP1 0V +12V AVPP
AVPP SWITCHING 12V TO 5V
+5V AVPP1 0V +12V AVPP
+5V
+5V
1s/div CVPPIN = 1F, AVPP0 = AVPP1, CAVPP = 0.1F
2s/div CVPPIN = 1F, AVPP0 = AVPP1, CAVPP = 0.1F
_______________________________________________________________________________________
3
Dual-Slot PCMCIA Analog Power Controllers MAX613/MAX614
______________________________________________________________Pin Description
PIN MAX613 1 2 3 4 5 6 7 -- 8 9 10 11 12 13 14 MAX614 1 2 3 -- -- -- 4 5 -- -- -- -- 6 7 8 NAME GND AVPP1 AVPP0 BVPP1 BVPP0 VCC1 VCC0 DRV DRV5 DRV3 --- ---- SHDN BVPP AVPP VCCIN VPPIN Ground Logic inputs that control the voltage on AVPP (see Table 1 in Detailed Description). Logic inputs that control the voltage on BVPP (see Table 2 in Detailed Description). Logic input that controls the state of DRV3 and DRV5 (see Table 3 in Detailed Description). Logic input that controls the state of DRV on the MAX614. On the MAX613, both VCC0 and VCC1 control the state of DRV3 and DRV5 (see Table 3 in Detailed Description). Open-drain power MOSFET gate-driver output used to switch the slot VCC supply voltage. DRV sinks current when VCC0 is high and goes high impedance when VCC0 is low. Open-drain power MOSFET gate-driver output used to switch the slot VCC supply voltage (see Table 3 in Detailed Description). Open-drain power MOSFET gate-driver output used to switch the slot VCC supply voltage (see Table 3 in Detailed Description). --- ---- Logic-level shutdown input. When SHDN is low, DRV3 and DRV5 sink current regardless of the state of --- ---- VCC0 and VCC1. When SHDN is high, DRV3 and DRV5 are controlled by VCC0 and VCC1. Switched output, controlled by BVPP1 and BVPP0, that outputs 0V, +5V, or +12V. BVPP can also be programmed to go high impedance (see Table 2 in Detailed Description). Switched output, controlled by AVPP1 and AVPP0, that outputs 0V, +5V, or +12V. AVPP can also be programmed to go high impedance (see Table 1 in Detailed Description). +5V power input +12V power input. VPPIN can have 0V or +5V applied as long as VCCIN > 2.85V. FUNCTION
_______________Detailed Description
VPP Switching
The MAX613/MAX614 allow simple switching of PCMCIA card VPP to 0V, +5V, and +12V. On-chip power MOSFETs connect AVPP and BVPP to either GND, VCCIN, or VPPIN. The AVPP0 and AVPP1 control logic inputs determine AVPP's state. Likewise, BVPP0 and BVPP1 control BVPP. AVPP and BVPP can also be programmed to be high impedance. Each PCMCIA card slot has two VPP voltage inputs labeled VPP1 and VPP2. Typically, VPP1 supplies the flash chips that store the low-order byte of the 16-bit words, and VPP2 supplies the chips that contain the high-order byte. Programming the high-order bytes separately from the low-order bytes may be necessary to minimize +12V current consumption. A single 8-bit flash chip typically requires at most 30mA of +12V VPP current during erase or programming.
Thus, systems with less than 60mA current capability from +12V cannot program two 8-bit flash chips simultaneously, and need separate controls for VPP1 and VPP2. Figure 1 shows an example of a power-control circuit using the MAX613 to control VPP1 and VPP2 separately. Figure 1's circuit uses a MAX662 charge-pump DC-DC converter to convert +5V to +12V at 30mA output current capability without an inductor. When higher VPP current is required, the MAX734 can supply 120mA. Use the MAX614 for single-slot applications that do not require a separate VPP1 and VPP2. Figure 2 shows the MAX614 interfaced to the Vadem VG-465 single-slot controller. To prevent VPP overshoot resulting from parasitic inductance in the +12V supply, the VPPIN bypass capacitor's value must be at least 10 times greater than the capacitance from AVPP or BVPP to GND; the AVPP and BVPP bypass capacitors must be at least 0.01F.
4
_______________________________________________________________________________________
Dual-Slot PCMCIA Analog Power Controllers MAX613/MAX614
+5V
12
Si9956DY M1
100k VPPIN VCCIN VCC1 DRV3
PCMCIA SLOT A VCC VPP1
MAX613 AVPP0
AVPP 1F BVPP 0.1F 0.1F GND AVPP1 BVPP0 BVPP1 VCC0
A: VPP1_EN0 (A_VPP1EN0) A:VPP1_EN1 (A_VPP1EN1) A:VPP2_EN0 (A_VPP2EN0) A:VPP2_EN1 (A_VPP2EN1) A:VCC_EN (A_VCCEN) INTEL 82365SL VADEM VG-365 or VADEM VG-468)
VPP2
12
Si9956DY M2
100k VPPIN VCCIN VCC1 DRV3 AVPP0 AVPP1 BVPP0 BVPP1 VCC0 B:VPP1_EN0 (B_VPP1EN0) B:VPP1_EN1 (B_VPP1EN1) B:VPP2_EN0 (B_VPP2EN0) B:VPP2_EN1 (B_VPP2EN1) B:VCC_EN (B_VCCEN) VCC VSS 4.7F 0.1F VCC VOUT 4.7F SHDN GND C1+ 0.22F
PCMCIA SLOT B VCC VPP1
MAX613
AVPP 1F BVPP 0.1F 0.1F GND
VPP2
MAX662
C1C2+ C20.22F
Figure 1. MAX613 Dual Slot, Separate VPP1 and VPP2, 5V Only VCC Operating Circuit
+12V
+5V
100k PCMCIA SLOT VCC 1F VPPIN DRV VCCIN VADEM VG-465 VPP1EN0 VPP1EN1 VPP2EN0 VPP2EN1 VCCEN
32.76kHz 50% DUTY CYCLE
4.5V MIN 10nF
9.97V (WITH 100k LOAD) 0.1F
MAX614
AVPP0 AVPP1
10nF NOTE: 1. ALL DIODES 1N4148. 2. OSCILLATOR FREQUENCY CAN BE INCREASED FOR HIGHER OUTPUT POWER. 0.1F 4.5V MIN
VPP1 VPP2
AVPP VCC0 GND
Figure 2. MAX614 Single-Slot Application
Figure 3. Charge Pump
5
_______________________________________________________________________________________
Dual-Slot PCMCIA Analog Power Controllers MAX613/MAX614
VCC Switching
The MAX613/MAX614 contain level shifters that simplify driving external power MOSFETs to switch PCMCIA card VCC. While a PCMCIA card is being inserted into the socket, the VCC pins on the card edge connector should be powered down to 0V to prevent "hot insertion" that may damage the PCMCIA card. The MAX613/MAX614 MOSFET drivers are open drain. Their rise time is controlled by an external pull-up resistor, allowing slow turnon of VCC power to the PCMCIA card. The DRV3 and DRV5 pins on the MAX613 and the DRV pin on the MAX614 are open-drain outputs pulled down with internal N-channel devices. The gate drive to these internal N-channel devices is powered from VCCIN, regardless of VPPIN's voltage. If VCCIN is left unconnected or less than 2V is applied to VCCIN, the DRV3/DRV5/DRV gate drivers will not sink current. To switch VCC (M1 and M2 in Figure 1), use external N-channel power MOSFETs. M1 and M2 should be logic-level N-channel power MOSFETs with low on resistance. The Motorola MTP3055EL and Siliconix Si9956DY MOSFETs are both good choices. Turn on M1 and M2 by pulling their gates above +5V. With the gates pulled up to VPPIN as shown in Figure 1, VPPIN should be at least 10V so that with VCC = 5.5V, M1 and M2 have at least 4.5V of gate drive.
Table 3. MAX613 DRV3 and DRV5 Control --- ---- Logic ( SHDN = VCCIN)
LOGIC INPUT VCC1 0 0 1 1 VCC0 0 1 0 1 DRV3 0V HI-Z 0V 0V OUTPUT DRV5 0V 0V HI-Z 0V
The gates of M1 and M2 can be pulled up to any 10V to 20V source, and do not need to be pulled up to VPPIN. Typically, the +12V used for VPPIN is supplied from a +5V to +12V switching regulator. To save power, the +5V to +12V switching regulator can be shut down when not using the VPP programming voltage, allowing VPPIN to fall below +5V. In this case, M1 and M2 should not be pulled up to VPPIN, since M1 and M2 cannot be turned on reliably when VPPIN falls below +10V. Any clock source can be used to generate a high-side gate-drive voltage by using capacitors and diodes to build an inexpensive charge pump. Figure 3 shows a charge-pump circuit that generates 10V from a +5V logic clock source.
Table 1. AVPP Control Logic
LOGIC INPUT AVPP1 0 0 1 1 AVPP0 0 1 0 1 OUTPUT AVPP 0V VCCIN VPPIN HI-Z
__________Applications Information
The MAX613 contains all the gate drivers and switching circuitry needed to support a +3.3V/+5V VCC PCMCIA slot with minimal external components. Figure 4 shows the analog power control necessary to support two dual voltage PCMCIA slots. The A:VCC and B:VCC pins on the Intel 82365SL DF power the drivers for the control signals that directly connect to the PCMCIA card. A 3.3V card needs 3.3V logic-level control signals and the capability to program VPP1 and VPP2 to 3.3V. The MAX613's VCCIN is switched with slot VCC, so AVPP0 = 1 and AVPP1 = 0 causes AVPP = slot VCC. Likewise, A:VCC and B:VCC are connected to VCCIN, so the Intel 82365SL DF control signals to the PCMCIA card are the right logic levels. PCMCIA card interface controllers other than the Intel 82365SL DF can be used with Figure 4's circuit. Table 4 shows the pins on the Cirrus Logic CL-PD6720 that perform the same function as the Intel 82365SL DF pins.
Table 2. BVPP Control Logic
LOGIC INPUT BVPP1 0 0 1 1 6 BVPP0 0 1 0 1 OUTPUT BVPP 0V VCCIN VPPIN HI-Z
_______________________________________________________________________________________
Dual-Slot PCMCIA Analog Power Controllers MAX613/MAX614
+5V
+3.3V 1M
MOTOROLA 2N7002LT1
NIHON E10QS03
Si9956DY
1M
A:VCC
12 SILICONIX
Si9956DY
VCCIN DRV3
VPPIN AVPP0 AVPP1 BVPP0 BVPP1 VCC0 VCC1 A:VCC_EN0 A:VCC_EN1 A:VPP_EN0 A:VPP_EN1
PCMCIA SLOT A
VCC VPP1 VPP2 GND
DRV5 AVPP MAX613 BVPP GND
INTEL 82365SL DF
SUMIDA CD54 18H E10QS03 T1 2N7002LT1 E10QS03 LX VOUT 1nF 33F 33F CC MAX734 VREF GND SS
12
+5V
+3.3V 1M Si9956DY
1M
V+ SHDN B:VCC Si9956DY VCCIN DRV3 VPPIN AVPP0 AVPP1 DRV5 AVPP MAX613 BVPP GND BVPP0 BVPP1 VCC0 VCC1 B:VCC_EN0 B:VCC_EN1 B:VPP_EN0 B:VPP_EN1
PCMCIA SLOT B
VCC VPP1 VPP2 GND
Figure 4. Mixed 3.3V/5V VCC Application Circuit
_______________________________________________________________________________________
7
Dual-Slot PCMCIA Analog Power Controllers MAX613/MAX614
Table 4. Interchangeable Interface Controllers
INTEL 82365SL DF A:VCC A:VPP_EN0 A:VPP_EN1 A:VCC_EN0 A:VCC_EN1 B:VCC V:VPP_EN0 B:VPP_EN1 B:VCC_EN0 B:VCC_EN1 CIRRUS LOGIC CL-PD6720 A_SLOT_VCC A_VPP_VCC A_VPP_PGM A_-VCC_5
BVPP1 AVPP0 BVPP AVPP1
_________________Chip Topographies
MAX613
GND VPPIN VCCIN
AVPP
A_-VCC_3 B_SLOT_VCC B_VPP_VCC B_VPP_PGM B_-VCC_5 B_-VCC_3
BVPP0 SHDN
VCC1 VCC0 DRV5
DRV3
TRANSISTOR COUNT: 982; SUBSTRATE CONNECTED TO GND. MAX614
GND VPPIN VCCIN
AVPP1
AVPP
AVPP0
VCC0
DRV
TRANSISTOR COUNT: 982; SUBSTRATE CONNECTED TO GND.
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 ___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600 (c) 1993 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX613

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X